this document was generated on 07/08/2014 please check www.molex.com for latest part information part number: 36563-0007 status: active overview: mlx? power connectors description: 6.35mm pitch mlx? power connector header, vertical, without plastic polarizing peg, 4 circuits, polyester 94v-0, tin lead (pb/sn) plating, white documents: 3d model product specification psx-42002-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family pcb headers series 36563 application power, wire-to-board comments without compliant / polarization peg overview mlx? power connectors product name mlx? upc 756054217696 physical breakaway no circuits (loaded) 4 circuits (maximum) 4 color - resin white durability (mating cycles max) 50 first mate / last break no glow-wire compliant no guide to mating part yes keying to mating part yes lock to mating part yes material - metal brass material - plating mating tin-lead material - plating termination nickel material - resin polyester number of rows 1 orientation vertical pc tail length 4.30mm pcb locator no pcb retention none pcb thickness - recommended 1.57mm packaging type bag pitch - mating interface 6.35mm pitch - termination interface 6.35mm plating min - mating 1.524m plating min - termination 1.270m polarized to mating part yes polarized to pcb no shrouded fully stackable no surface mount compatible (smc) no temperature range - operating -55c to +105c termination interface: style through hole electrical current - maximum per contact 12a voltage - maximum 600v series image - reference only eu rohs china rohs compliance status not reviewed reach svhc not reviewed low-halogen status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 36563 series mates with 42021 mlx? power crimp housing plug, 42023 mlx crimp terminal, 42024 mlx crimp terminal
material info reference - drawing numbers product specification psx-42002-0001 sales drawing sd-36563-001 this document was generated on 07/08/2014 please check www.molex.com for latest part information
|